PART |
Description |
Maker |
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3314E MAX3314ECKA-T MAX3314ECSA MAX3314ECUA MAX |
±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceiver ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceiver 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceiver 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceiver 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SP3203EEY-L SP3203EEY-L/TR SP3203ECY-L SP3203ECY-L |
3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
|
Sipex Corporation
|
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
MAX3223IDWE4 |
<font color=red>[Old version datasheet]</font> 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
|
TI store
|
ST3222E ST3222EBD ST3222EBDR ST3222EBPR ST3222EBTR |
15 KV ESD PROTECTED 3 TO 5.5V, LOW POWER, UP TO 250KBPS RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SN65C3221E SN65C3221EDB SN65C3221EDBR SN65C3221EPW |
<font color=red>[Old version datasheet]</font> 3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION
|
TI store
|
HIN208E HIN208ECA HIN208ECA-T HIN208ECB HIN208ECB- |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO28 /-15kV ESD-Protected 5V PoweredRS-232 Transmitters/Receivers /-15kV, ESD-Protected, 5V Powered,RS-232 Transmitters/Receivers /-15kV/ ESD-Protected/ 5V Powered/RS-232 Transmitters/Receivers
|
BRILLIANCE SEMICONDUCTOR, Inc. Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM202EARN ADM202EARU ADM202EARW ADM202EAN ADM1181 |
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 EMI/EMC Compliant/ -15 kV ESD Protected/ RS-232 Line Drivers/Receivers
|
http:// Analog Devices, Inc.
|
CA82C52-16ID CA82C52-16CJ |
/- 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers 异步 3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers 异步
|
Intersil, Corp.
|
ISL83239EI ISL83239EIA ISL83239EIV ISL83239EIA-T I |
【15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers 15kV ESD Protected/ 10nA Supply- Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 15kV ESD Protected 10nA Supply- Current 3V to 5.5V 250kbps RS-232 Transmitters/Receivers ±15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 ??5kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|